Part Number Hot Search : 
D1703 120F6 K3001 AAMDA 60DCB6 TL084 DBG250G FD120
Product Description
Full Text Search
 

To Download OIDS1585A001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Polarization Insensitive Fiber Isolator (Dual Stage)
OIDS Series
Features * Wide Operating Wavelength
And Temperature Range
POLARIZATION INSENSITIVE FIBER ISOLATOR (DUAL STAGE)
Oplink's OIDS is a dual stage optical isolator that minimizes back reflection and back scattering in the reverse direction for any state of polarization. The OIDS is a low cost model with excellent performance such as low insertion loss, high isolation, high return loss, low polarization dependent loss (PDL) and low polarization mode dispersion (PMD).
* Low Insertion Loss * High Isolation * Ultra Low PDL & PMD * Highly Stable & Reliable * Epoxy-Free Optical Path Applications * Fiberoptic Amplifiers * CATV Fiberoptic Links * WDM Systems * Fiberoptic Instruments * Transmitters and
Fiber Lasers
* Laboratory R&D
Performance Specifications
OIDS Series P Grade A Grade Unit
Operating Wavelength range
1310 15 1480 15 C band: 1528 ~ 1564 L band: 1570 ~ 1605 45 34 0.8 43 32 0.9
Isolation (Min.) (over wavelength range, 23C, all SOP) Isolation (Min.) (over wavelength range, 0~70C, all SOP) Insertion Loss (Max.) (over the Operating wavelength range, at 0 to +70C, all SOP) WDL(Max.) Return Loss(Min.) (input/output Ports) PDL(Max.) PMD(Max.) Maximum Power Handling Operation Temperature Storage Temperature Package Dimension*
nm nm nm nm dB dB dB
Oplink Fiber Optic Product Lines
* Amplifier Components * Amplifier Modules * DWDMs * Transmission * Switching/Routing/
0.25 60/55 0.1 0.05 500 0 to +70 -40 to +85 P1:(o)5.5 x (L)34
0.3 60/55 0.15 0.05
dB dB dB ps mW C C mm
Values are referenced without connector loss * The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Monitoring/Conditioning * RGB Laser Modules
Oplink Communications, Inc.
Polarization Insensitive Fiber Isolator
(Dual Stage)
Package Dimensions:
Ordering Information
Oplink custom designs and manufactures high performance fiber optic networking components and integrated optical modules. Oplink can provide a remarkable range of customized optical solutions to meet your specific design needs. By combining our technical expertise with our extensive micro-optic manufacturing and packaging capability, your your volume requirements for components and customized integrated products can be met. We are happy to discuss your requirements. Please contact Oplink's OEM Design Team or Sales Representative for ordering and price information (510) 933-7200.
OIDS
Wavelength 1310 nm=1310 1480 nm=1480 1550 nm=1550 1585 nm=1585 Grade P Grade=P A Grade=A
0
0
1
Fiber Length 1 Meter=1* 1.5 Meters=5 2 Meters=2 Connector Type None=1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
Fiber Type 250 m SMF-28=1 900 m tight buffer=5
* 1 meter is standard. The lead time for special fiber length will be longer.
Package Type P1=1
46335 Landing Parkway Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com


▲Up To Search▲   

 
Price & Availability of OIDS1585A001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X